| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FDA803U-KBX bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA803U-KBX bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 76 page ![]() Electrical specifications FDA803U 14/76 DS12497 Rev 2 Audio performances Po Output power(5) THD = 10 % 28 30 - W THD = 1 % 22 25 - W Max power; Vcc = 15.2 V(6) 45 50 - W RL = 2 Ω THD = 10%(6) 50 55 - W RL = 2 Ω THD = 1%(6) 40 45 - W RL = 2 Ω, max power 76 85 - W Po Output power(5) THD = 10% Vcc = 5 V 3.8 - - W THD = 10% Vcc = 3.3 V 1.6 - - W PSRR Power supply rejection ratio f = 1 kHz; Vr = 1Vpk; 70 80 - - THD Total harmonic distortion PO = 1 W, f = 1 kHz - 0.01 0.05 % Gain Standard gain at Amplitude = -10 dBFs 5.5 5.9 6.3 Vp Low gain(7) 3.3 3.6 3.9 Vp DR Dynamic range A-wtd and brickwall 20 kHz filter 102 107.5 - dB SNR Signal to noise ratio A-wtd and brickwall 20 kHz filter 107 112 - dB Eout1 Output noise A-wtd and brickwall 20 kHz filter used, no output signal; -35 55 μV Eout2 Output noise CCIR 468 filtered - 84 130 μV ΔVOITU ITU Pop filter output voltage Standby to Mute and Mute to Standby transition -7.5 - +7.5 mV Mute VMth(8) Mute pin voltage threshold Attenuation <0.5 dB, and digital mute disabled 2.3 - - V Attenuation ≥60 dB, and digital mute disabled -- 1 IM Mute pin source current - 9 11 13 μA VMcl Mute pin internal clamp voltage - 5.5 6 6.5 V Ifeed Peak current flowing in the feedback pins Standby condition, all feedbacks forced to Vcc, output floating - 110 130 μA I2C bus interface fSCL Clock frequency - - - 400 kHz VIL I2C pins low voltage - - - 0.8 V VIH I2C pins high voltage - 1.3 - - V VOLMAX Maximum I2C data pin low voltage when current Isink is sinked Isink = 4 mA - 0.12 0.5 V ILIMAX Maximum input leakage current V = 3.6 V - - 1 μA Table 5. Electrical characteristics (continued) Symbol Parameter Test condition Min Typ Max Unit |