công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431ILPR bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL431ILPR
Giải thích chi tiết về linh kiện  TL431, TL432 Precision Programmable Reference
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL431ILPR bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button TL431ILPR Datasheet HTML 39Page - Texas Instruments TL431ILPR Datasheet HTML 40Page - Texas Instruments TL431ILPR Datasheet HTML 41Page - Texas Instruments TL431ILPR Datasheet HTML 42Page - Texas Instruments TL431ILPR Datasheet HTML 43Page - Texas Instruments TL431ILPR Datasheet HTML 44Page - Texas Instruments TL431ILPR Datasheet HTML 45Page - Texas Instruments TL431ILPR Datasheet HTML 46Page - Texas Instruments TL431ILPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Oct-2022
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TL432BCDBZRG4
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAUAG
Level-1-260C-UNLIM
0 to 70
TBCS
Samples
TL432BCDBZT
ACTIVE
SOT-23
DBZ
3
250
RoHS & Green
NIPDAUAG | SN
Level-1-260C-UNLIM
0 to 70
(TBCG, TBCS, TBCU)
Samples
TL432BCDBZTG4
ACTIVE
SOT-23
DBZ
3
250
RoHS & Green
NIPDAUAG
Level-1-260C-UNLIM
0 to 70
TBCS
Samples
TL432BCPK
ACTIVE
SOT-89
PK
3
1000
RoHS & Green
SN
Level-2-260C-1 YEAR
0 to 70
2G
Samples
TL432BIDBZR
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(T4F3, T4FG, T4FS,
T4FU)
Samples
TL432BIDBZRG4
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
T4F3
Samples
TL432BIDBZT
ACTIVE
SOT-23
DBZ
3
250
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(T4F3, T4FG, T4FS,
T4FU)
Samples
TL432BIDBZTG4
ACTIVE
SOT-23
DBZ
3
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
T4F3
Samples
TL432BIPK
ACTIVE
SOT-89
PK
3
1000
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 85
2H
Samples
TL432BQDBZR
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAU | NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
(T4H3, T4HS, T4HU)
Samples
TL432BQDBZRG4
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
(T4H3, T4HS, T4HU)
Samples
TL432BQPK
ACTIVE
SOT-89
PK
3
1000
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
2J
Samples
TL432CDBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
0 to 70
(T4CG, T4CJ, T4CU)
Samples
TL432CDBZR
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAUAG | SN
Level-1-260C-UNLIM
0 to 70
(T4CG, T4CS, T4CU)
Samples
TL432CDBZRG4
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAUAG
Level-1-260C-UNLIM
0 to 70
T4CS
Samples
TL432CPK
ACTIVE
SOT-89
PK
3
1000
RoHS & Green
SN
Level-2-260C-1 YEAR
0 to 70
2A
Samples
TL432IDBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(T4IG, T4IJ, T4IU)
Samples
TL432IDBZR
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAUAG | SN
Level-1-260C-UNLIM
-40 to 85
(T4IG, T4IS, T4IU)
Samples
TL432IDBZRG4
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAUAG
Level-1-260C-UNLIM
-40 to 85
T4IS
Samples
Addendum-Page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com