công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431CLPR bảng dữ liệu(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL431CLPR
Giải thích chi tiết về linh kiện  TL431, TL432 Precision Programmable Reference
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL431CLPR bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button TL431CLPR Datasheet HTML 30Page - Texas Instruments TL431CLPR Datasheet HTML 31Page - Texas Instruments TL431CLPR Datasheet HTML 32Page - Texas Instruments TL431CLPR Datasheet HTML 33Page - Texas Instruments TL431CLPR Datasheet HTML 34Page - Texas Instruments TL431CLPR Datasheet HTML 35Page - Texas Instruments TL431CLPR Datasheet HTML 36Page - Texas Instruments TL431CLPR Datasheet HTML 37Page - Texas Instruments TL431CLPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Oct-2022
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TL431ACLPRE3
ACTIVE
TO-92
LP
3
2000
RoHS & Green
SN
N / A for Pkg Type
0 to 70
TL431AC
Samples
TL431ACP
LIFEBUY
PDIP
P
8
50
RoHS & Green
NIPDAU
N / A for Pkg Type
0 to 70
TL431ACP
TL431ACPK
ACTIVE
SOT-89
PK
3
1000
RoHS & Green
SN
Level-2-260C-1 YEAR
0 to 70
4A
Samples
TL431ACPKG3
ACTIVE
SOT-89
PK
3
1000
RoHS & Green
SN
Level-2-260C-1 YEAR
0 to 70
4A
Samples
TL431ACPS
LIFEBUY
SO
PS
8
80
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
T431A
TL431ACPSR
LIFEBUY
SO
PS
8
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
T431A
TL431ACPW
LIFEBUY
TSSOP
PW
8
150
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
T431A
TL431ACPWR
LIFEBUY
TSSOP
PW
8
2000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
0 to 70
T431A
TL431AID
ACTIVE
SOIC
D
8
75
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
431AI
Samples
TL431AIDBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(TAIG, TAIJ, TAIS)
Samples
TL431AIDBVRE4
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TAIG
Samples
TL431AIDBVRG4
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TAIG
Samples
TL431AIDBVT
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(TAIG, TAIJ, TAIU)
Samples
TL431AIDBVTG4
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TAIG
Samples
TL431AIDBZR
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(T3AG, TAI3, TAIS,
TAIU)
Samples
TL431AIDBZRG4
ACTIVE
SOT-23
DBZ
3
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TAI3
Samples
TL431AIDBZT
ACTIVE
SOT-23
DBZ
3
250
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 85
(T3AG, TAI3, TAIS,
TAIU)
Samples
TL431AIDBZTG4
ACTIVE
SOT-23
DBZ
3
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TAI3
Samples
TL431AIDCKR
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
T5U
Samples
TL431AIDCKRE4
ACTIVE
SC70
DCK
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
T5U
Samples
TL431AIDCKT
ACTIVE
SC70
DCK
6
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
T5U
Samples
TL431AIDG4
ACTIVE
SOIC
D
8
75
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 85
431AI
Samples
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com