| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F39-TGR-CVL-B-5-R bảng dữ liệu(PDF) 96 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-5-R bảng dữ liệu(HTML) 96 Page - Omron Electronics LLC |
|
96 / 98 page ![]() 78 Appendix B Section 18-2 18-2 Appendix B Test procedure log The following test procedure must be performed by qualified personnel during initial MS4800 system installation, according to the employer's regular inspec- tion program and after any maintenance, adjustment or modification to the MS4800 system or the guarded machine. Testing ensures that the light cur- tain, safety system, and machine control system work together to properly stop the machine. Failure to test properly could result in serious injury to per- sonnel. To test the MS4800 system, use the correct size test object. Machine identification_____________________________ Date___________ Technician Signature ____________________________________________ Item Condition Comments Disable the guarded machine. Apply power to the MS4800 system. @ Pass @ Fail Visually inspect the machine to ensure that access to the danger point is only through the MS4800 detec- tion zone. If not, additional guarding, including mechanical barriers ma be required. Verify that all additional guarding devices and barriers are installed and operating properly. @ Pass @ Fail Verify that the mounting distance of the MS4800 sys- tem is equal to or greater than the calculated mini- mum safety distance from the danger point. See the chapter "Safe mounting distance" for further informa- tion. Ensure that the operator is not able to stand between the MS4800 detection zone and the danger point. @ Pass @ Fail Check for signs of external damage to the MS4800 system, the machine and the electrical cables and wiring. If damage is found, lock the machine off and report to the supervisor. @ Pass @ Fail Interrupt the MS4800 system detection zone with the proper size test object. Move the test object inside the perimeter (along the top, sides and bottom) of the detection zone and up and down through the center. At least one individual beam indicator must be lit while the test object is anywhere in the detection zone. If in automatic start mode, verify that the red MACHINE STOP light is lit. If in start/restart INTER- LOCK mode, verify that the red MACHINE STOP and yellow INTERLOCK lights are on. Press and release start button before proceeding to next step. @ Pass @ Fail Start the machine. While the machine is in motion, interrupt the detection zone with the test object. The machine should stop immediately. Never insert the test object into the dangerous parts of the machine. With the machine at rest, interrupt the detection zone with the test object. Verify that the machine will not start with the test object in the detection zone. @ Pass @ Fail Verify that the braking system is working properly. If the machine does not stop fast enough, adjust the braking system or increase the distance from the detection zone to the danger point. @ Pass @ Fail If the safety devices or the machine fails any of these tests, do not fun the machine. Immediately tag or LOCKOUT the machine to prevent its use and notify the supervisor. @ Pass @ Fail |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |