| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA8090WGR bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8090WGR bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 32 page ![]() Package information STA8090WGR 28/32 DS12835 Rev 1 5 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 5.1 WLCSP77 (3.861 x 3.843 x 0.6 mm) 0.4 pitch package information Figure 4. WLCSP77 package outline Table 26. WLCSP77 package mechanical data Ref Dimensions Millimeters Inches(1) Min Typ Max Min Typ Max A – – 0.600 – – 0.0236 A1 0.165 – – 0.0065 – – |