| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA8090FG bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8090FG bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 41 page ![]() Pin description STA8090FG 14/41 DS10719 Rev 6 UART0_DSR VDDIO_R1 I AF0 (default) UART0_DSR UART0 data set ready D4 I/O AF1 GPIO16 General purpose I/O #16 O AF2 i2s_out_lrclk MSP left/right clock output OAF3 Sign GC GLONASS and BeiDou 3-bit coding output (Sign) UART0_DTR VDDIO_R1 O AF0 (default) UART0_DTR UART0 data terminal read D5 I/O AF1 GPIO18 General purpose I/O #18 I AF2 Timer_ICAPA Extended function timer - input capture A O AF3 Mag_1 GG GPS and Galileo 3-bit coding Output (MAG1) UART0_RTS VDDIO_R1 O AF0 (default) UART0_RTS UART0 request to send C6 I/O AF1 GPIO14 General purpose I/O #14 O AF2 TCXO_OUT TCXO out clock O AF3 Sign GG GPS and Galileo 3-bit coding output (Sign) UART0_RX VDDIO_R1 I AF0 (default) UART0_RX UART0 Rx data E6 O AF1 SPI_DO SPI serial data output I/O AF2 SQI_SIO2 SQI Flash data IO 2 I AF3 Timer_ICAPA Extended Function Timer - Input Capture A UART0_TX VDDIO_R1 O AF0 (default) UART0_TX UART0 Tx data / BOOT1 B4 I AF1 SPI_DI Serial data input I/O AF2 SQI_SIO3 SQI Flash data IO 3 O AF3 Timer_OCMPA Extended Function Timer – Output Compare A UART2_RX VDDIO_R1 I AF0 (default) UART2_RX UART 2 Rx data B6 I/O AF1 GPIO28 General purpose I/O #28 I/O AF2 I2C_SD I2C serial data I/O AF3 MMC_D2 Multimedia card data 2 Table 7. Communication interface pins (continued) Symbol I/O voltage I/O Alternative function Function Description STA8090FG |