| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA5635A bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA5635A bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 20 page ![]() DS12858 Rev 2 9/20 STA5635A Power management and start-up strategy 19 2 Power management and start-up strategy The supply available on board of 3.3 V (or 1V8) have to be applied to VCC_RF, VCC_IO and CHIP_EN (with or without an RC network) pins. With power supply applied but CHIP_EN inactive the chip is in stand-by mode consuming just a minimal leakage current. Applying CHIP_EN High, turns-on the LDOs, immediately after the xtal oscillator and after a delay (td) the rest of the device. On CHIP_EN pin can be used an optional RC delay to be sure that supply LDOs is set before LDO enable. Figure 3. Power configuration |