công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99H02 bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện L99H02
Giải thích chi tiết về linh kiện  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 31Page - STMicroelectronics L99H02 Datasheet HTML 32Page - STMicroelectronics L99H02 Datasheet HTML 33Page - STMicroelectronics L99H02 Datasheet HTML 34Page - STMicroelectronics L99H02 Datasheet HTML 35Page - STMicroelectronics L99H02 Datasheet HTML 36Page - STMicroelectronics L99H02 Datasheet HTML 37Page - STMicroelectronics L99H02 Datasheet HTML 38Page - STMicroelectronics L99H02 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
DS12547 Rev 6
35/51
L99H02
Functional description of the SPI
50
4.4.1
SPI clock monitor and watchdog
Figure 11. Global error flag diagram
Note:
Writing a “1” to RWD - bit in ApplRegx restarts the internal watchdog counter.
The clock monitor counts the number of clock pulses during a communication frame (while
CSN is low). If the number of SCK pulses does not correspond with the frame width
indicated in the <SPI-frame-ID> (ROM address 03hex) the frame is ignored and the bit
<frame error>
in the <Global Status Byte> is set.
Note:
Due to this safety functionality, daisy chaining the SPI is not possible. Instead, a parallel
operation of the SPI bus by controlling the CSN signal of the connected ICs is
recommended.
SCK
SDI
SDO / Err
CSN
Communication Error
WD counter
Watchdog Failure
Global Status Byte
Global Error Flag
Clock-
Monitor
RWD
ApplRegx
bit 7
GAPGCFT00670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51