công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G7L-2ABUBJ bảng dữ liệu(PDF) 9 Page - Omron Electronics LLC

tên linh kiện G7L-2ABUBJ
Giải thích chi tiết về linh kiện  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L-2ABUBJ bảng dữ liệu(HTML) 9 Page - Omron Electronics LLC

Back Button G7L-2ABUBJ Datasheet HTML 5Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 6Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 7Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 8Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 9Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 10Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 11Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 12Page - Omron Electronics LLC G7L-2ABUBJ Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
G7L
Power Relay
G
7
L
● Upper Bracket Mounting
Screw Terminals
Two, M4 or 4.5-dia.
holes
51.5 max.
65.5 max.
55.5 max.
69 max.
51.5 max.
65.5 max.
55.5 max.
69 max.
PFP-
@N
2-M3.5 × 6 (coil side)
2-M4 × 8 (contact side)
2-M3.5 × 6 (coil side)
4-M4 × 8 (contact side)
G7L
P7LF-D
PFP-
@N
G7L
P7LF-D
40
±0.1
01
4
5
2
2
5
6
01
4
26
8
Test button
Test button
G7L-1A-BJ
(with Test Button)
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
Note. Refer to page 12 for the coil internal
connection diagram
G7L-2A-BJ
(with Test Button)
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Two, 4.5-dia. hole or
M4 tapped holes
2.5
4.5
68.5 max.
34.5 max.
49 max.
01
46
01
4
26
8
50.5 max.
60
2.5
4.5
68.5 max.
34.5 max.
49 max.
50.5 max.
60
2.5
4.5
68.5 max.
34.5 max.
49 max.
01
46
01
4
26
8
2
2
50.5 max.
60
2.5
4.5
68.5 max.
34.5 max.
49 max.
50.5 max.
60
60
±0.2
Test
button
Test
button
2-M3.5 × 6
(coil side)
2-M3.5 × 6
(coil side)
2-M4 × 8
(contact side)
4-M4 × 8
(contact side)
2-M3.5 × 6
(coil side)
2-M4 × 8
(contact side)
2-M3.5 × 6
(coil side)
4-M4 × 8
(contact side)
G7L-1A-BUB
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
G7L-2A-BUB
G7L-1A-BUBJ
(with Test Button)
G7L-2A-BUBJ
(with Test Button)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13