| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99ASC03G bảng dữ liệu(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99ASC03G bảng dữ liệu(HTML) 26 Page - STMicroelectronics |
|
26 / 70 page ![]() Device description L99ASC03G 26/70 DocID029080 Rev 2 VDD Short circuit at VDD turn-on FS (FS = 1 in the GSB) VDDFAIL = 1 – Gate drivers actively discharged; charge pump, CSA and BEMF module OFF – Control registers (except Control Register 1 and DSFT_DIS) reset to default value Read & Clear VDDFAIL Undervoltage (VDD < reset threshold) FS (FS = 1 in the GSB) VDDUV = 1 – NRES asserted low – Gate drivers actively discharged; charge pump, CSA and BEMF module OFF – Control registers (except Control Register 1 and DSFT_DIS) reset to default value Read & Clear VDDUV Undervoltage warning (VDD_VTH = 0 and VDD <VRT2) GW (GW = 1 in the GSB) VRT2LOW = 1 – None Read & Clear VRT2LOW SPI SDI short circuit to GND or VDD FS and SPIE (FS = 1 and SPIE = 1 in the GSB) SPI_DI = 1 and SPIE = 1 in the GSB – Gate drivers actively discharged; charge pump, CSA and BEMF module OFF – Control registers (except Control Register 1 and DSFT_DIS bits) reset to default value – SPI frame ignored Read & Clear SPI_DI CSN timeout or SCK clock count other than 0 or 16 GW and SPIE (GW = 1 and SPIE = 1 in the GSB) SPI_FL = 1 and SPIE = 1 in the GSB SPI frame ignored Read & Clear SPI_FL Table 5. Diagnostics overview (continued) Source Cause Event type Diagnosis Device action Clear error / warning flag |