| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9960TR bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9960TR bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 95 page ![]() DS11115 Rev 10 49/95 L9960, L9960T Functional description 94 Note: (-) available in the R10,R9 bit positions in SPI command frame 3. A register report the echo of CL[1:0] configuration register: "CL_echo[1:0]" Note: (-) available in the R11,R10 bit position in SPI answer frame 7a. Effect of the temperature Figure 23. Effect of the temperature diagram Table 57. CL[1:0] 2 bits combination Description Condition 00 Range 0 - 01 Range 1 reset value 10 Range 2 - 11 Range 3 - Table 58. CL_echo[1:0] 2 bits status combination Description Condition 00 Echo Range 0 config - 01 Echo Range 1 config reset value 10 Echo Range 2 config - 11 Echo Range 3 config - OTwarn Temp Ilim B A D Ilim_range_3 Ilim_range_2 Ilim_range_1 Ilim_range_0 Tsecure OTsd Ilim_reduction_range_3 = Ilim_Tsd3 Ilim_reduction_range_2 = Ilim_Tsd2 Ilim_reduction_range_1 = Ilim_Tsd1 Ilim_reduction_range_0 = Ilim_Tsd0 C C C C D D D A A A GAPGPS02652 |