công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9908 bảng dữ liệu(PDF) 130 Page - STMicroelectronics

tên linh kiện L9908
Giải thích chi tiết về linh kiện  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 bảng dữ liệu(HTML) 130 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 126Page - STMicroelectronics L9908 Datasheet HTML 127Page - STMicroelectronics L9908 Datasheet HTML 128Page - STMicroelectronics L9908 Datasheet HTML 129Page - STMicroelectronics L9908 Datasheet HTML 130Page - STMicroelectronics L9908 Datasheet HTML 131Page - STMicroelectronics L9908 Datasheet HTML 132Page - STMicroelectronics L9908 Datasheet HTML 133Page - STMicroelectronics L9908 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 153 page
background image
Table 142. CH3_ACT
Register Name
Address
Field Name
Type
Bit Offset
Bit Width
Reset Value
Reset
CH3_ACT
0x36
UNUSED_3
RO
15
1
0x0
A
NSR
UNUSED_2
RO
14
1
0x0
A
UNUSED_1
RO
13
1
0x0
A
UNUSED_0
RO
12
1
0x0
A
ACT3_OVF
RO
11
1
0x0
A
ACT3
RO
0
11
0x0
A
Table 143. SPI_CMM_FAULT
Register Name
Address
Field Name
Type Bit Offset
Bit Width
Reset Value
Reset
SPI_CMM_FAULT
0xFD
UNUSED_11
RO
15
1
0x0
A
NSR
UNUSED_10
RO
14
1
0x0
A
UNUSED_9
RO
13
1
0x0
A
FCNTERR
Wrong Frame Counter bit
CR
12
1
0x0
A
CRCERR
Wrong CRC check value
CR
11
1
0x0
A
SHORTERR
Previous SPI frame length<32 bit
CR
10
1
0x0
A
LONGERR
Previous SPI frame length>32 bit
CR
9
1
0x0
A
UNUSED_8
RO
8
1
0x0
A
UNUSED_7
RO
7
1
0x0
A
UNUSED_6
RO
6
1
0x0
A
UNUSED_5
RO
5
1
0x0
A
UNUSED_4
RO
4
1
0x0
A
UNUSED_3
RO
3
1
0x0
A
UNUSED_2
RO
2
1
0x0
A
UNUSED_1
RO
1
1
0x0
A
UNUSED_0
RO
0
1
0x0
A
5.21
Window Watchdog Timer (WTD)
L9908 implements a watchdog timer function to ensure a safe SPI communication with μC in case of corrupted or
lost SPI communication.
L9908
Window Watchdog Timer (WTD)
DS13546 - Rev 3
page 130/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More