công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L5964 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện L5964
Giải thích chi tiết về linh kiện  Automotive monolithic dual step-down switching regulator with LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5964 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button L5964 Datasheet HTML 8Page - STMicroelectronics L5964 Datasheet HTML 9Page - STMicroelectronics L5964 Datasheet HTML 10Page - STMicroelectronics L5964 Datasheet HTML 11Page - STMicroelectronics L5964 Datasheet HTML 12Page - STMicroelectronics L5964 Datasheet HTML 13Page - STMicroelectronics L5964 Datasheet HTML 14Page - STMicroelectronics L5964 Datasheet HTML 15Page - STMicroelectronics L5964 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
L5964
14/16
DB4679 Rev 1
3.2
Package marking information
Figure 4. LQFP64 (10x10x1.4 mm exp. pad up) marking information
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production.
ST is not responsible for any consequences resulting from such use. In no event will ST be
liable for the customer using any of these engineering samples in production. ST’s Quality
department must be contacted prior to any decision to use these engineering samples to run
a qualification activity.
LQFP/TQFP 64 TOP VIEW
(not in scale)
Marking area
Last two digits
ES: Engineering sample
<blank>: Commercial sample
GAPG2204150842PS_ES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16