| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSS2725DTR120 bảng dữ liệu(PDF) 5 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSS2725DTR120 bảng dữ liệu(HTML) 5 Page - Stackpole Electronics, Inc. |
|
5 / 13 page ![]() Rev Date: 7/29/2022 5 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Performance Characteristics (cont.) Power Derating Curve : Test Test Method Test Specification Test Condition The number of rated power are as follows: Rating power duration: 5 seconds. Operating Temperature Range for size CSSH0805, CSSH3637 is -55°C to +170°C. Operating Temperature Range for sizes CSS0402, CSS0603 and CSS0805 is -55°C to +155°C. Operating Temperature Range for sizes CSS1206 - CSS4527, CSSH 2512 and CSSH 2728 is -55°C to +225°C. Operating Temperature Range for size CSS0201 is -55°C to +125°C. Applied 500 VAC for 1 minute and limit surge current 50 mA (max) Dielectric Withstanding Voltage JIS-C-5201-1 4.7 No short or burned in the appearance. Put the resistor in the fixture, add 100 VDC in terminal for 60 seconds then measure the insulation resistance between electrodes and insulating enclosure or between electrodes and base material ≥ 10 9 Ω JIS-C-5201-1 4.6 Insulation Resistance JIS C 5201-1 4.13 Short Time Overload Size Power (W) CSS0201 0.2 2.5 times CSS0402 0.33 2.5 times CSS0603 0.33 2.5 times CSS0508 1 2.5 times CSS0805 0.5 2.5 times CSSH0805 1 4 times CSS1206 1 5 times CSS2010 1 5 times CSS2512 2 5 times CSSH2512 3 5 times CSS2725 4 5 times CSS2728 3 5 times CSSH2728 4 5 times CSS4527 5 5 times CSSH3637 7 5 times Rated Power Size Power (W) Max. R Change CSS0201 0.2 ≤ ± 0.5 CSS0402 0.33 ± 1% + 0.5mΩ CSS0603 0.33 ± 1% + 0.5mΩ CSS0508 1 ± 1% + 0.5mΩ CSS0805 0.5 ± 1% + 0.5mΩ CSSH0805 1 ≤ ± 1% CSS1206 1 ≤ ± 0.5 CSS2010 1 ≤ ± 0.5 CSS2512 2 ≤ ± 0.5 CSSH2512 3 ≤ ± 0.5 CSS2725 4 ≤ ± 0.5 CSS2728 3 ≤ ± 0.5 CSSH2728 4 ≤ ± 0.5 CSS4527 5 ≤ ± 2% CSSH3637 7 ≤ 0.5% + 0.5mΩ |