| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CSS0402DTR120 bảng dữ liệu(PDF) 3 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSS0402DTR120 bảng dữ liệu(HTML) 3 Page - Stackpole Electronics, Inc. |
|
3 / 13 page ![]() Rev Date: 7/29/2022 3 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Mechanical Specifications (1206 – 3637) 0.025 ± 0.010 inches 0.65 ± 0.25 0.020 ± 0.010 0.020 ± 0.010 mm 0.51 ± 0.25 0.51 ± 0.25 inches 0.126 ± 0.010 0.063 ± 0.010 0.022 ± 0.010 mm 3.20 ± 0.25 1.60 ± 0.25 0.55 ± 0.25 0.024 ± 0.010 0.024 ± 0.010 inches 0.60 ± 0.25 0.60 ± 0.25 mm 0.020 ± 0.010 0.020 ± 0.010 inches 0.51 ± 0.25 0.51 ± 0.25 mm 0.031 ± 0.010 0.051 ± 0.010 0.051 ± 0.010 inches 0.200 ± 0.010 0.100 ± 0.010 0.79 ± 0.25 1.30 ± 0.25 1.30 ± 0.25 mm 5.08 ± 0.25 2.54 ± 0.25 0.025 ± 0.010 0.031 ± 0.010 0.031 ± 0.010 inches 0.65 ± 0.25 0.79 ± 0.25 0.79 ± 0.25 mm 0.031 ± 0.010 0.074 ± 0.010 0.074 ± 0.010 inches 0.246 ± 0.010 0.126 ± 0.010 0.79 ± 0.25 1.88 ± 0.25 1.88 ± 0.25 mm 6.25 ± 0.25 3.20 ± 0.25 0.025 ± 0.010 0.044 ± 0.010 0.044 ± 0.010 inches 0.65 ± 0.25 1.12 ± 0.25 1.12 ± 0.25 mm 0.039 ± 0.010 0.080 ± 0.010 0.080 ± 0.010 inches 1.00 ± 0.25 2.02 ± 0.25 2.02 ± 0.25 mm 0.080 ± 0.010 0.080 ± 0.010 inches 2.02 ± 0.25 2.02 ± 0.25 mm 0.074 ± 0.010 0.074 ± 0.010 inches 1.88 ± 0.25 1.88 ± 0.25 mm 0.054 ± 0.010 0.054 ± 0.010 inches 1.37 ± 0.25 1.37 ± 0.25 mm 0.246 ± 0.010 0.126 ± 0.010 0.031 ± 0.010 0.044 ± 0.010 0.044 ± 0.010 inches 6.25 ± 0.25 3.20 ± 0.25 0.79 ± 0.25 1.12 ± 0.25 1.12 ± 0.25 mm 0.074 ± 0.010 0.074 ± 0.010 inches 1.88 ± 0.25 1.88 ± 0.25 mm 0.066 ± 0.010 0.066 ± 0.010 inches 1.68 ± 0.25 1.68 ± 0.25 mm 0.026 ± 0.010 0.044 ± 0.010 0.044 ± 0.010 inches 0.65 ± 0.25 1.12 ± 0.25 1.12 ± 0.25 mm 0.039 ± 0.010 0.044 ± 0.010 0.004 ~ 0.039 inches 1.00 ± 0.25 1.12 ± 0.25 0.10 ~ 1.00 mm T2 Bottom Termination 0.002 - 0.004 0.005 Unit Type/Code Maximum Power Rating (W) Resistance Range (Ω) L W 0.006 - 0.05 T1 Top Termination 0.001 H CSS1206 1 CSSH2512 3 0.0101 - 0.08 0.001 - 0.003 0.0031 - 0.1 CSS2010 1 CSS2512 2 0.0005 - 0.004 0.0041 - 0.075 0.0003 0.0006 - 0.0007 0.003 - 0.0035 0.0041 - 0.01 0.0005 0.00075 0.0008 - 0.0029 0.0036 - 0.004 |