| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS bảng dữ liệu(PDF) 10 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
HCS bảng dữ liệu(HTML) 10 Page - Stackpole Electronics, Inc. |
|
10 / 11 page ![]() Rev Date: 5/12/2022 10 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. HCS Series High Current Metal Element Shunt Resistor Stackpole Electronics, Inc. Resistive Product Solutions Rated Power vs. Surface Temperature – HCS5930 Temperature rise test boards use aluminum substrate (MCPCB). RoHS Compliance Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances” (RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as amended by Directive (EU) 2015/863/EU as regards the list of restricted substances. “Conflict Metals” Commitment We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding Conflict Minerals. RoHS Compliance Status HCS High Current Shunt Resistor SMD YES 100% Copper Always Always Standard Product Series Description Package / Termination Type Standard Series RoHS Compliant Lead-Free Termination Composition Lead-Free Mfg. Effective Date (Std Product Series) Lead-Free Effective Date Code (YY/WW) |