công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASR1 bảng dữ liệu(PDF) 5 Page - Stackpole Electronics, Inc.

tên linh kiện ASR1
Giải thích chi tiết về linh kiện  Anti-Surge Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEI [Stackpole Electronics, Inc.]
Trang chủ  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ASR1 bảng dữ liệu(HTML) 5 Page - Stackpole Electronics, Inc.

  ASR1 Datasheet HTML 1Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 2Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 3Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 4Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 5Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 6Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 7Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 8Page - Stackpole Electronics, Inc. ASR1 Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev Date: 06/30/2021
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ASR / ASRM Series
Anti-Surge Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Repetitive Pulse Information
If repetitive pulses are applied to resistors, pulse wave form must be less than “Pulse limiting voltage”, “Pulse limiting
current” or “Pulse limiting wattage” calculated by the formula below.
Where: Vp:
Pulse limiting voltage (V)
lp:
Pulse limiting current (A)
Pp:
Pulse limiting wattage (W)
P:
Power rating (W)
R:
Nominal resistance (ohm)
T:
Repetitive period (sec)
t:
Pulse duration (sec)
K:
Coefficient: 1
[Vr:
Rated Voltage (V), Ir: Rated Current (A)]
Note 1:
If T > 10 → T = 10 (sec), T / t > 1000 → T / t = 1000.
Note 2:
If T > 10 and T / t > 1000, “Pulse Limiting power (Single pulse) is applied.
Note 3:
If Vp < Vr (lp < lr or Pp < P), Vr (lr, P) is Vp (lp, Pp).
Note 4:
Pulse limiting voltage (Current, Wattage) is applied at less than rated ambient temperature. If ambient
temperature is more than the rated temperature (70°C), please decrease power rating according to “Power
Derating Curve”.
Note 5:
Please assure sufficient margin for use period and conditions for “Pulse limiting voltage”.
Note 6:
If the pulse waveform is not square wave, please judge after transform the waveform into square wave
according to “Waveform Transformation to Square Wave” information.
Vp = K√P x R x T/t
lp = K√P/R x T/t
Pp = K
2 x P x T/t



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com