| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM124AFKB bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM124AFKB bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 53 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Oct-2022 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LM324KAPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324KA Samples LM324KAPWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324KA Samples LM324KDR ACTIVE SOIC D 14 2500 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324K Samples LM324KN ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM324KN Samples LM324KNSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324K Samples LM324KPW ACTIVE TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324K Samples LM324KPWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324K Samples LM324N ACTIVE PDIP N 14 25 RoHS & Green NIPDAU | SN N / A for Pkg Type 0 to 70 LM324N Samples LM324NE3 ACTIVE PDIP N 14 25 RoHS & Non-Green SN N / A for Pkg Type 0 to 70 LM324N Samples LM324NE4 ACTIVE PDIP N 14 25 RoHS & Green NIPDAU N / A for Pkg Type 0 to 70 LM324N Samples LM324NSR ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324NSRE4 ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324NSRG4 ACTIVE SO NS 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 LM324 Samples LM324PW ACTIVE TSSOP PW 14 90 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324 Samples LM324PWR ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM 0 to 70 L324 Samples LM324PWRE4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324 Samples LM324PWRG3 ACTIVE TSSOP PW 14 2000 RoHS & Green SN Level-1-260C-UNLIM 0 to 70 L324 Samples LM324PWRG4 ACTIVE TSSOP PW 14 2000 RoHS & Green NIPDAU Level-1-260C-UNLIM 0 to 70 L324 Samples M38510/11005BCA ACTIVE CDIP J 14 1 Non-RoHS & Green SNPB N / A for Pkg Type -55 to 125 JM38510 /11005BCA Samples PLM2902BIPWR ACTIVE TSSOP PW 14 3000 TBD Call TI Call TI -40 to 125 Samples PLM324BIPWR ACTIVE TSSOP PW 14 3000 TBD Call TI Call TI -40 to 85 Samples Addendum-Page 6 |