công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK04832MPAPSEP bảng dữ liệu(PDF) 60 Page - Texas Instruments

tên linh kiện LMK04832MPAPSEP
Giải thích chi tiết về linh kiện  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832MPAPSEP bảng dữ liệu(HTML) 60 Page - Texas Instruments

Back Button LMK04832MPAPSEP Datasheet HTML 56Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 57Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 58Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 59Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 60Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 61Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 62Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 63Page - Texas Instruments LMK04832MPAPSEP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 103 page
background image
8.6.2.3.11 SYNC_DISSYSREF, SYNC_DISX
SYNC_DISX will prevent a clock output from being synchronized or interrupted by a SYNC event or when
outputting SYSREF.
Table 8-40. Register 0x144
BIT
NAME
POR DEFAULT
DESCRIPTION
7
SYNC_DISSYSREF
0
Prevent the SYSREF clocks from becoming synchronized during a SYNC
event. If SYNC_DISSYSREF is enabled, the device will continue to operate
normally during a SYNC event.
6
SYNC_DIS12
0
Prevent the device clock output from becoming synchronized during a SYNC
event or SYSREF clock. If SYNC_DIS bit for a particular output is enabled,
then the device will continue to operate normally during a SYNC event or
SYSREF clock.
5
SYNC_DIS10
0
4
SYNC_DIS8
0
3
SYNC_DIS6
0
2
SYNC_DIS4
0
1
SYNC_DIS2
0
0
SYNC_DIS0
0
8.6.2.3.12 PLL1R_SYNC_EN, PLL1R_SYNC_SRC, PLL2R_SYNC_EN, FIN0_DIV2_EN, FIN0_INPUT_TYPE
These bits are used when synchronizing PLL1 and PLL2 R dividers.
Table 8-41. Register 0x145
BIT
NAME
POR DEFAULT
DESCRIPTION
7
NA
0
Reserved
6
PLL1R_SYNC_EN
0
Enable synchronization for PLL1 R divider
0: Not enabled
1: Enabled
5:4
PLL1R_SYNC_SRC
0
Select the source for PLL1 R divider synchronization
Field Value
Definition
0 (0x00)
Reserved
1 (0x01)
SYNC Pin
2 (0x02)
CLKIN0
3 (0x03)
Reserved
3
PLL2R_SYNC_EN
0
Enable synchronization for PLL2 R divider. Synchronization for PLL2 R always
comes from the SYNC pin.
0: Not enabled
1: Enabled
2
FIN0_DIV2_EN
0
Sets the input path to use or bypass the divide-by-2.
0: Bypassed (÷1)
1: Divided (÷2)
1:0
FIN0_INPUT_TYPE
0
Program input type to hardware interface used.
Field Value
Definition
0 (0x00)
Differential Input
1 (0x01)
Single Ended Input (FIN0_P)
2 (0x02)
Single Ended Input (FIN0_N)
3 (0x03)
Reserved
LMK04832-SEP
SNAS838 – OCTOBER 2022
www.ti.com
60
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com