| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6546BACDXA bảng dữ liệu(PDF) 131 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546BACDXA bảng dữ liệu(HTML) 131 Page - Texas Instruments |
|
131 / 284 page ![]() Table 7-4. Supported OPP vs Max Frequency CLOCK(1) (2) OPP_NOM OPP_OD OPP_TURBO MAXIMUM FREQUENCY (MHz) MAXIMUM FREQUENCY (MHz) MAXIMUM FREQUENCY (MHz) VD_CORE GPU 450 N/A N/A DDR4 800 (DDR-1600) N/A N/A CBASS0 250 N/A N/A ICSSG 250 N/A N/A VD_MPU0 MPU0 800 1000 1100 VD_MPU1 MPU1 800 1000 1100 VD_MCU MCU 400 N/A N/A VD_WKUP DMSC 200 N/A N/A (1) N/A stands for Not Applicable. (2) Maximum supported frequency is limited to the device speed grade (see Table 7-1, Speed Grade Maximum Frequency). www.ti.com AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 131 Product Folder Links: AM6548 AM6528 AM6546 AM6526 |