| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM6546BACDXA bảng dữ liệu(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546BACDXA bảng dữ liệu(HTML) 72 Page - Texas Instruments |
|
72 / 284 page ![]() Table 6-24. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_14 General Purpose Input/Output IO P24 GPIO0_15 General Purpose Input/Output IO R27 GPIO0_16 General Purpose Input/Output IO R28 GPIO0_17 General Purpose Input/Output IO P25 GPIO0_18 General Purpose Input/Output IO P26 GPIO0_19 General Purpose Input/Output IO U28 GPIO0_20 General Purpose Input/Output IO T28 GPIO0_21 General Purpose Input/Output IO P23 GPIO0_22 General Purpose Input/Output IO R26 GPIO0_23 General Purpose Input/Output IO R23 GPIO0_24 General Purpose Input/Output IO T25 GPIO0_25 General Purpose Input/Output IO T24 GPIO0_26 General Purpose Input/Output IO R24 GPIO0_27 General Purpose Input/Output IO T23 GPIO0_28 General Purpose Input/Output IO R25 GPIO0_29 General Purpose Input/Output IO T27 GPIO0_30 General Purpose Input/Output IO AF18 GPIO0_31 General Purpose Input/Output IO AE18 GPIO0_32 General Purpose Input/Output IO AH17 GPIO0_33 General Purpose Input/Output IO AG18 GPIO0_34 General Purpose Input/Output IO AG17 GPIO0_35 General Purpose Input/Output IO AF17 GPIO0_36 General Purpose Input/Output IO AE17 GPIO0_37 General Purpose Input/Output IO AC19 GPIO0_38 General Purpose Input/Output IO AH16 GPIO0_39 General Purpose Input/Output IO AG16 GPIO0_40 General Purpose Input/Output IO AF16 GPIO0_41 General Purpose Input/Output IO AE16 GPIO0_42 General Purpose Input/Output IO AD16 GPIO0_43 General Purpose Input/Output IO AH15 GPIO0_44 General Purpose Input/Output IO AC16 GPIO0_45 General Purpose Input/Output IO AD17 GPIO0_46 General Purpose Input/Output IO AH14 GPIO0_47 General Purpose Input/Output IO AG14 GPIO0_48 General Purpose Input/Output IO AG15 GPIO0_49 General Purpose Input/Output IO AC17 GPIO0_50 General Purpose Input/Output IO AE15 GPIO0_51 General Purpose Input/Output IO AD15 GPIO0_52 General Purpose Input/Output IO AF14 GPIO0_53 General Purpose Input/Output IO AC15 GPIO0_54 General Purpose Input/Output IO AD14 GPIO0_55 General Purpose Input/Output IO AE14 GPIO0_56 General Purpose Input/Output IO AE22 GPIO0_57 General Purpose Input/Output IO AG24 GPIO0_58 General Purpose Input/Output IO AF23 AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 72 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6546 AM6526 |