công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L3751 bảng dữ liệu(PDF) 17 Page - STMicroelectronics

tên linh kiện L3751
Giải thích chi tiết về linh kiện  Wide 6 V to 75 V input voltage synchronous buck controller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3751 bảng dữ liệu(HTML) 17 Page - STMicroelectronics

Back Button L3751 Datasheet HTML 13Page - STMicroelectronics L3751 Datasheet HTML 14Page - STMicroelectronics L3751 Datasheet HTML 15Page - STMicroelectronics L3751 Datasheet HTML 16Page - STMicroelectronics L3751 Datasheet HTML 17Page - STMicroelectronics L3751 Datasheet HTML 18Page - STMicroelectronics L3751 Datasheet HTML 19Page - STMicroelectronics L3751 Datasheet HTML 20Page - STMicroelectronics L3751 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
The VCC regulator provides the gate current for direct low-side and floating high-side driving, through the
bootstrap capacitor charge refresh. Make sure to select external MOSFETs in order that the total driving current
consumption is smaller than VCC regulator minimum output current capability at the programmed switching
frequency:
IDRV= QG HS+QG LS ∙fsw≤IVCC MIN=40mA
(4)
6.6
Light load operation
The device always implements diode emulation, so-called “DEM”, during soft-start to support pre-charged output
capacitor at device startup.
The state of the SYNCIN pin at power-up determines the light load operation: low logic level selects DEM, high
logic level or detected synchronization clock signal enables the forced PWM mode, so-called “FPWM”. In detail,
the DEM to FPWM transition is implemented smoothly ramping the zero current detecting threshold (ZCD) from 0
V to 200 mV in 1000 clock cycles starting from the first PWM pulse from the loop.
Figure 13. DEM vs. FPWM management in light load condition
The DEM mode operates in DCM and pulse skipping at light load, maximizing the efficiency in these application
conditions minimizing the conversion losses with controlled output voltage ripple.
The forced PWM (FPWM) over the load range makes the switching frequency constant and minimizes the output
voltage ripple, suggested for low noise application like sensors or analog circuitry supply.
L3751
Light load operation
DS13841 - Rev 1
page 17/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com