| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LIS3DHH bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS3DHH bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 29 page ![]() Communication interface characteristics LIS3DHH 14/29 DocID030220 Rev 3 4.2.2 SPI write Figure 7. SPI write protocol The SPI write command is performed with 16 clock pulses. The multiple byte write command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: WRITE bit. The value is 0. bit 1 -7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DI(7:0) (write mode). This is the data that is written inside the device (MSb first). bit 16-... : data DI(...-8). Further data in multiple byte writes. Figure 8. Multiple byte SPI write protocol (2-byte example) |