công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AIS2DW12TR bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện AIS2DW12TR
Giải thích chi tiết về linh kiện  MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS2DW12TR bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button AIS2DW12TR Datasheet HTML 31Page - STMicroelectronics AIS2DW12TR Datasheet HTML 32Page - STMicroelectronics AIS2DW12TR Datasheet HTML 33Page - STMicroelectronics AIS2DW12TR Datasheet HTML 34Page - STMicroelectronics AIS2DW12TR Datasheet HTML 35Page - STMicroelectronics AIS2DW12TR Datasheet HTML 36Page - STMicroelectronics AIS2DW12TR Datasheet HTML 37Page - STMicroelectronics AIS2DW12TR Datasheet HTML 38Page - STMicroelectronics AIS2DW12TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
DocID031240 Rev 4
35/60
AIS2DW12
Digital interfaces
60
6.2.2
SPI write
Figure 15. SPI write protocol
The SPI write command is performed with 16 clock pulses. A multiple byte write command
is performed by adding blocks of 8 clock pulses to the previous one.
bit 0: WRITE bit. The value is 0.
bit 1 -7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written inside the device (MSb
first).
bit 16-... : data DI(...-8). Additional data in multiple byte writes.
Figure 16. Multiple byte SPI write protocol (2-byte example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60