| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI74FCT2823T bảng dữ liệu(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT2823T bảng dữ liệu(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 7 page ![]() 2 PS2023A 03/11/96 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI74FCT821T/823T/825T (25 Ω Ω Ω Ω Ω Series) P174FCT2821T/2823T BUS INTERFACE REGISTERS Pin Name Description OE Output Enable Input (Active LOW) CP Clock Pulse for the register. Enters data on LOW-to-HIGH transition DN Data Inputs YN 3-State Outputs CLR Clear Input (Active LOW) (823/825/2823 Only) EN Clock Enable Input (Active LOW) GND Ground VCC Power Product Pin Description PI74FCT821/2821T Product Pin Configuration PI74FCT823/2823T Product Pin Configuration PI74FCT825T Product Pin Configuration PI74FCT821/823/825/2821/2823T Truth Table (1) Inputs Outputs Internal Function CLR EN OE CP DN YN QN High-Z H L H ↑ LZ L HL H ↑ HZ H Clear L XHXX Z L LX LX X L L Hold HHHXX Z NC HH L X X NC NC Load H L H ↑ LZ L HL H ↑ HZ H HL L ↑ LL L HL L ↑ HH H 1. H = High Voltage Level L = Low Voltage Level X = Don't Care Z = High Impedance NC = No Change ↑ = LOW-to-HIGH transition 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 OE D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 GND Vcc Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 CP 24-PIN P24 Q24 R24 S24 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 OE1 D0 D1 D2 D3 D4 D5 D6 D7 D8 CLR GND Vcc Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 EN CP 24-PIN P24 Q24 R24 S24 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 OE1 OE2 D0 D1 D2 D3 D4 D5 D6 D7 CLR GND Vcc OE3 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 EN CP 24-PIN P24 Q24 R24 S24 |