công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS22T3 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện SS22T3
Giải thích chi tiết về linh kiện  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS22T3 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  SS22T3 Datasheet HTML 1Page - ON Semiconductor SS22T3 Datasheet HTML 2Page - ON Semiconductor SS22T3 Datasheet HTML 3Page - ON Semiconductor SS22T3 Datasheet HTML 4Page - ON Semiconductor SS22T3 Datasheet HTML 5Page - ON Semiconductor SS22T3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS22, SS24
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
SS22
SS24
VRRM
VRWM
VR
20
40
V
Average Rectified Forward Current
(At Rated VR, TL = 100°C)
IO
2.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave,
100 kHz, TC = 105°C)
IFRM
3.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
75
A
Storage/Operating Case Temperature
Tstg, TC
−55 to +150
°C
Operating Junction Temperature
TJ
−55 to +125
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Lead (Note 1)
Thermal Resistance,
Junction−to−Ambient (Note 2)
RqJL
RqJA
24
80
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 3)
see Figure 2
(iF = 2.0 A)
vF
TJ = 25°C
TJ = 125°C
V
0.50
0.46
Maximum Instantaneous Reverse Current (Note 3)
see Figure 4
(VR = 40 V)
IR
TJ = 25°C
TJ = 100°C
mA
0.4
5.7
1. Mounted with minimum recommended pad size, PC Board FR4.
2. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
3. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com