công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CGS3311 bảng dữ liệu(PDF) 1 Page - Silicon Supplies

tên linh kiện CGS3311
Giải thích chi tiết về linh kiện  CMOS Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SS [Silicon Supplies]
Trang chủ  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CGS3311 bảng dữ liệu(HTML) 1 Page - Silicon Supplies

  CGS3311 Datasheet HTML 1Page - Silicon Supplies CGS3311 Datasheet HTML 2Page - Silicon Supplies CGS3311 Datasheet HTML 3Page - Silicon Supplies CGS3311 Datasheet HTML 4Page - Silicon Supplies CGS3311 Datasheet HTML 5Page - Silicon Supplies CGS3311 Datasheet HTML 6Page - Silicon Supplies CGS3311 Datasheet HTML 7Page - Silicon Supplies CGS3311 Datasheet HTML 8Page - Silicon Supplies CGS3311 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CMOS Clock Generator – CGS3311
Monolithic crystal controlled CMOS oscillator in bare die form
Rev 1.2
16/09/22
Crystal frequency operation range:
fundamental: 10 MHz to 100 MHz typical
3rd or 5th overtone: 10 MHz to 85 MHz
Programmable oscillator drive
Selectable fast output edge rates
Output symmetry circuit to adjust 50% duty cycle
point between CMOS and TTL levels
Output current drive of 48 mA for IOL/IOH
Output has high speed short circuit protection
Basic oscillator type: Pierce
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability version of this product please see
Description
Die Size (Unsawn)
1550 x 1540
61 x 61
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 4
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
54ACT3301
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The CGS3311 is a crystal controlled CMOS oscillator
requiring a minimum of external components and is
designed for Clock Generation and Support
applications up to 110 MHz. The device is highly
versatile, providing selectable output divide ratios,
multiple crystal drive levels and selectable rise and fall
timing options. The circuit is designed to operate over
a wide frequency range using fundamental model or
overtone crystals. The device is a direct electrical and
mechanical replacement for the obsolete CGS3311
produced by National Semiconductor.
Ordering Information
Die Dimensions in µm (mils)
1550 (61)
Page 1 of 10
www.siliconsupplies.com


Số phần tương tự - CGS3311

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
CGS3311 FAIRCHILD-CGS3311 Datasheet
116Kb / 7P
CMOS Crystal Clock Generators
logo
Silicon Supplies
CGS3311 SS-CGS3311 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
CGS3311 SS-CGS3311 Datasheet
421Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
logo
Fairchild Semiconductor
CGS3311M FAIRCHILD-CGS3311M Datasheet
116Kb / 7P
CMOS Crystal Clock Generators
logo
Silicon Supplies
CGS3311 SS-CGS3311_V02 Datasheet
421Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
More results

Mô tả tương tự - CGS3311

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Silicon Laboratories
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com