công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCZ1E331MCS1GS bảng dữ liệu(PDF) 1 Page - Nichicon corporation

tên linh kiện UCZ1E331MCS1GS
Giải thích chi tiết về linh kiện  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NICHICON [Nichicon corporation]
Trang chủ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCZ1E331MCS1GS bảng dữ liệu(HTML) 1 Page - Nichicon corporation

  UCZ1E331MCS1GS Datasheet HTML 1Page - Nichicon corporation UCZ1E331MCS1GS Datasheet HTML 2Page - Nichicon corporation UCZ1E331MCS1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CAT.8100K
UCZ ChipType,HighReliability.
Low temperature ESR specification.
Chip type, high temperature range, for +125°C use.
Added ESR specification after the test at -40°C.
Applicable to automatic mounting machine fed with carrier tape.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
AEC-Q200 compliant. Please contact us for details.
ALUMINUM ELECTROLYTIC CAPACITORS
UCZ
UCJ
UCH
Low ESR
Long Life
Low ESR
UCX
High
Temperature
Code
A
V
10
C
16
E
25
V
35
H
50
J
63
K
80
2A
100
Voltage
Type numbering system (Example : 35V 47
µF)
U
1
C
2
Z
3
1
4
V
5
4
6
7
7
0
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Size code
Capacitance tolerance (±20%)
Rated capacitance (
47µF)
Rated voltage (35V)
Series name
Type
(φ 6.3) Standard
φ6.3 × 5.8L : The vibration structure-resistant product can
‚
t support.
φ6.3 × 7.7L : The vibration structure-resistant product is available.
Voltage (V:35V)
Capacitance
Series
Plastic platform
0.3MAX.
L±
0.3
C±0.2
H
Positive
Negative
(φ 8 , φ10)
Standard
(φ12.5 to φ18) Standard
Plastic platform
0.3MAX.
L±0.5
C±0.2
H
Positive
Negative
Lot No.
Lot No.
Capacitance
Series
Trade mark
Voltage (V : 35V )
Taping code
Trade mark
Voltage
Series
Capacitance
Lot No.
L±1.0
C±0.2
H
Plastic platform
Pressure
relief vent
0.3 MAX.
Positive
Negative
Positive
Negative
φ4 to10
φ12.5 to18
GS
MS
Code
Size
Standard
6.3×7.7
A
B
C
E
2.4
6.6
6.6
2.2
8×10
2.9
8.3
8.3
3.1
10×10
3.2
10.3
10.3
4.5
L
7.7
10
10
H
0.5 to 0.8
6.3×5.8
2.4
6.6
6.6
2.2
5.8
0.5 to 0.8
0.8 to 1.1 0.8 to 1.1
(mm)
16×16.5, 21.5
5.4
17.1
17.1
6.3
16.5, 21.5
18×16.5, 21.5
6.4
19.1
19.1
6.3
16.5, 21.5
1.0 to 1.4
12.5×13.5
4.8
13.6
13.6
4.0
13.5
1.0 to 1.4
1.0 to 1.4
φ
D×L
Vibration Resistance
A
B
C
E
8×10
2.9
8.3
8.3
3.1
10×10
3.2
10.3
10.3
4.5
L
10
10
H 1.1 to 1.5 1.1 to 1.5
φ
12.5
4.8
13.6
13.6
4.0
13.5
1.0 to 1.4
φ
16
5.4
17.1
17.1
6.3
φ
18
6.4
19.1
19.1
6.3
(mm)
φ
D×L
H
C±0.2
Plastic platform
Pressure relief vent
0.3 MAX
L±1.0
Aid electrode
Trade mark
Voltage
Series
Capacitance
Lot No.
16.5, 21.5
1.0 to 1.4
16.5, 21.5
1.0 to 1.4
(φ12.5 to φ18)
Vibration Resistance
(φ 8 , φ10)
Vibration Resistance
Lot No.
Capacitance
Series
Trade mark
Voltage (V : 35V )
H
0.3 MAX.
C±0.2
L±1.0
Plastic platform
Positive
Negative
※
Configuration
Standard
Code
CL (φ10 or less)
N J (φ12.5 or more)
NQ(φ12.5 or more)
CS(φ10 or less)
NS(φ12.5 or more)
Vibration
Resistance
Configuration
※ NQ is scheduled to be discontinued.
Chip Type
Type numbering system (Example : 35V 47µF)
Dimension table in next page.
Frequency coefficient of rated ripple current
0 Frequency0/
Coefficient
50Hz
120Hz
300Hz
1kHz
10kHz or more
0.35
0.50
0.64
0.83
1.00
Specifications
After continuous application of rated voltage at 125°C and then restoring down to 20°C, the readings of measurements shall meet below.
Black print on the case top.
Performance Characteristics
Item
Category Temperature Range
Rated Voltage Range
10 to 100V
Rated Capacitance Range
10 to 3300µF
± 20% at 120Hz, 20°C
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
The capacitors are kept on a hot plate for 30 seconds,
which is maintained at 250°C. The capacitors shall meet
the characteristic requirements listed at right when they
are removed from the plate and restored to 20°C.
After storing the capacitors under no load at 125°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Shelf Life
Resistance to
soldering heat
After 2 minutes' application of rated voltage at 20°C, leakage current is not more than 0.01CV or 3µA, whichever is greater.
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF. (φ12.5 to φ18)
–40 to +125°C
Marking
Measurement frequency :
120Hz
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (MAX.)
10
0.30
16
0.23
25
0.18
50
0.16
63
0.12
80
0.12
100
0.10
35
0.16
Z–40°C / Z+20°C
Rated voltage (V)
Impedance ratio
(MAX.)
10
12
16
8
25
6
50
4
63
3
80
3
100
3
35
4
Capacitance change
Leakage current
tan δ
Within ±30% of the initial capacitance value
Less than or equal to the initial specified value
300% or less than the initial specified value
Case size
Endurance time
φ
6.3 × 5.8L
1000hrs.
2000hrs.
3000hrs.
3500hrs.
4000hrs.
φ
6.3 × 7.7L
φ
8 to φ12.5
φ
16,18 × 16.5L φ16,18 × 21.5L
Capacitance change
Leakage current
tan δ
Within ±10% of the initial capacitance value
Less than or equal to the initial specified value
Less than or equal to the initial specified value


Số phần tương tự - UCZ1E331MCS1GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
UCZ1C221MCL1GS NICHICON-UCZ1C221MCL1GS Datasheet
59Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCZ1V470MCL1GS NICHICON-UCZ1V470MCL1GS Datasheet
63Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Mô tả tương tự - UCZ1E331MCS1GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com