công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WLCA2-LEAS bảng dữ liệu(PDF) 28 Page - Omron Electronics LLC

tên linh kiện WLCA2-LEAS
Giải thích chi tiết về linh kiện  Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLCA2-LEAS bảng dữ liệu(HTML) 28 Page - Omron Electronics LLC

Back Button WLCA2-LEAS Datasheet HTML 24Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 25Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 26Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 27Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 28Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 29Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 30Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 31Page - Omron Electronics LLC WLCA2-LEAS Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
WL-N/WLM-N
28
Note: 1. Leakage current from indicator circuit may cause load malfunction (i.e., the load may remain ON). Make sure that the load operating
current is higher than the leakage current.
For countermeasures, refer to technical support on your OMRON website.
*1. Light-ON when operating means that the lamp lights when the Limit Switch contacts (NC) release, or when the actuator rotates or is pushed
down.
*2. Light-ON when not operating means the lamp remains lit when the actuator is free, or when the Limit Switch contacts (NO) close when the
actuator rotates or is pushed down.
Indicators
Indicator
The indicator is either a neon lamp or an
LED. Switches with LED indicators have a
built-in rectifier stack, so there is no
connection polarity.
Contact Spring
Use the terminal screws on the built-in
switch to connect to the lamp terminals.
A coil spring is used to make contact, so
connecting to the lamp terminals is not
necessary.
Indicator Covers
The indicator covered if outsert molded
from diecast aluminum and has outstanding
sealing properties.
Indicator Windows
Operating status (i.e., light-ON when
operating or light-ON when not operating)
depends on whether a neon lamp or an
LED is used.
Indicators can be switched from light-ON
when operating and light-ON when not
operating, by simply rotating the indicator
holder by 180°.
Light-ON when Operating/Not Operating
Lamp Holder
LED at top
LED at bottom
Light-ON when Operating
Light-ON when Not Operating
Operation
WL-LE-N
WL-LD-N
Light-ON when
operating *1
Light-ON when
not operating *2
Power
Built-in switch
Internal
circuits
Load
13
Za
11
14
12
Power
Built-in switch
Internal
circuits
Load
13
11
14
12
Za
Internal Circuits
WL-LE-N
WL-LD-N
Contact spring
Neon lamp
Resistor
Contact spring
Rectifier stack
Rated
current
diode
LED
Zener
diode
Resistor
Resistor
Light-ON when Not Operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com