| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WLSD2-TC bảng dữ liệu(PDF) 29 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLSD2-TC bảng dữ liệu(HTML) 29 Page - Omron Electronics LLC |
|
29 / 52 page ![]() WL-N/WLM-N 29 Environment-resistant Switches Molding Specifications for Hermetic Switches WL @-139-N WL @-140-N WL @-141-N WL @-145-N WL @-RP40-N WL @-RP60-N : Molded parts Standard built-in switch Airtight built-in switch Airtight built-in switch Airtight built-in switch Airtight built-in switch Airtight built-in switch * Fluorine rubber is used for all rubber parts. Oil seal Head cap Oil seal Head cap * The connector can be removed, so it is possible to use flexible conduit for the cable. Model Cable specifications Connector type WL @-139-N Standard 5-m VCT cable, with high flexibility and good anti-oil properties attached. Finished outer diameter: 11.5 mm, 4 conductors. Resin cap WL @-140-N WL @-141-N WL @-145-N Metal connector WL @-RP40-N Resin connector * WL @-RP60-N Resin cap |