công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPSC12065G2-TR bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STPSC12065G2-TR
Giải thích chi tiết về linh kiện  650 V, 12 A power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12065G2-TR bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STPSC12065G2-TR Datasheet HTML 6Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 7Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 8Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 9Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 10Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 11Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 12Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 13Page - STMicroelectronics STPSC12065G2-TR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Table 7. D²PAK high voltage package mechanical data
Ref.
Dimensions
Min.
Typ.
Max.
A
4.30
-
4.70
A1
0.03
-
0.20
C
1.17
-
1.37
D
8.95
-
9.35
e
4.98
-
5.18
E
0.50
-
0.90
F
0.78
-
0.85
F2
1.14
-
1.70
H
10.00
-
10.40
H1
7.40
-
7.80
J1
2.49
-
2.69
L
15.30
-
15.80
L1
1.27
-
1.40
L2
4.93
-
5.23
L3
6.85
-
7.25
L4
1.5
-
1.7
M
2.6
-
2.9
R
0.20
-
0.60
V
0°
-
8°
Figure 13. D²PAK high voltage footprint in mm
15,95
7,46
3,40
5,08
1,20
10,58
5,10
Note:
For package and tape orientation, reel and inner box dimensions and tape outline please check TN1173.
STPSC12065
D²PAK high voltage package information
DS11623 - Rev 3
page 10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14