công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RHRPMICL1AD2V bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện RHRPMICL1AD2V
Giải thích chi tiết về linh kiện  Rad-hard integrated current limiter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHRPMICL1AD2V bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button RHRPMICL1AD2V Datasheet HTML 9Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 10Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 11Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 12Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 13Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 14Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 15Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 16Page - STMicroelectronics RHRPMICL1AD2V Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
The trip-off time TON, as well as the recovery time TOFF, can be externally set through the external capacitors CON
and COFF respectively connected between the pins TON / TOFF and GND, as shown in the application diagram
with the RHRPMICL1A configured as a re-triggerable current limiter (Figure 5. Typical application diagram with
the RHRPMICL1A configured as re-triggerable current limiter). The capacitor COFF is charged with a constant
current whose value is a fraction (1/20) of IREF (externally set by the resistor RIR connected between the I_REF
pin and GND). The COFF charging phase of capacitor COFF starts as soon as the TON time has elapsed, therefore
the TOFF time is equal to the charging time of capacitor COFF defined by:
TOFF=20×RIR×COFF
(5)
For safety reasons the capacitor COFF is quickly discharged. TOFF is generated not only after a current limitation
event whose duration is greater than the TON time, but also after any event that turns off the device.
When the device is configured as a re-triggerable current limiter, the following settings are recommended:
- to select the option ON at power-up, connecting the SET_STS pin to VCC
- to disable the telecommand interface, connecting the TC_ON and TC_OFF pins to VCC
Figure 5. Typical application diagram with the RHRPMICL1A configured as re-triggerable current limiter
RHRPMICL1A
HYS
UVLO
TC_ON
TC_OFF
TMS+
ISNS+
ISNS
-
TMS
-
VG
COMP
VD
STS
TM
SET_STS
SET_FLB
RETRIGGERABLE
CONFIGURATION
LOAD
BUS SUPPLY
BUS GROUND
Note:
The resistors RGND, RSTS and RTM are critical for the safety of the application. Please refer to Section
8 Application guidelines.
7.2.3
Foldback mode
The device can be configured as a foldback current limiter through the configuration pin SET_FLB (see
Figure 6. Typical application diagram with the RHRPMICL1A configured as foldback current limiter).
Table 9. Foldback mode setting
SET_FLB
Mode
GND
Foldback mode disabled
VCC
Foldback mode enabled
RHRPMICL1A
Modes of operation
DS12602 - Rev 3
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com