| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RHFOSC04K02V bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RHFOSC04K02V bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 16 page ![]() 5 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 5.1 Flat-10 package information Figure 9. Flat-10 package outline Note: The upper metallic lid is electrically connected to pin1 (VSS). RHFOSC04 Package information DS13330 - Rev 1 page 10/16 |