| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLP627M bảng dữ liệu(PDF) 10 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP627M bảng dữ liệu(HTML) 10 Page - Toshiba Semiconductor |
|
10 / 18 page ![]() TLP627M,TLP627MF 10 15. 15. 15. 15. EN 60747-5-5 Option (D4) Specification EN 60747-5-5 Option (D4) Specification EN 60747-5-5 Option (D4) Specification EN 60747-5-5 Option (D4) Specification • Part number: TLP627M, TLP627MF (Note 1) (Note 1) (Note 1) (Note 1) • The following part naming conventions are used for the devices that have been qualified according to option (D4) of EN 60747. Example: TLP627M(D4-TP1,E D4: EN 60747 option TP1: Tape type E: [[G]]/RoHS COMPATIBLE (Note 2) (Note 2) (Note 2) (Note 2) Note 1: Use TOSHIBA standard type number for safety standard application. e.g., TLP627M(D4-TP1,E → TLP627M Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. Fig. Fig. Fig. Fig. 15.1 15.1 15.1 15.1 EN 60747 Insulation Characteristics EN 60747 Insulation Characteristics EN 60747 Insulation Characteristics EN 60747 Insulation Characteristics 2018-12-06 Rev.1.0 ©2018 Toshiba Electronic Devices & Storage Corporation |