công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGFS30 bảng dữ liệu(PDF) 15 Page - COSEL CO., LTD.

tên linh kiện MGFS30
Giải thích chi tiết về linh kiện  DC-DC Converters PCB Mount Type
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  COSEL [COSEL CO., LTD.]
Trang chủ  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGFS30 bảng dữ liệu(HTML) 15 Page - COSEL CO., LTD.

Back Button MGFS30 Datasheet HTML 11Page - COSEL CO., LTD. MGFS30 Datasheet HTML 12Page - COSEL CO., LTD. MGFS30 Datasheet HTML 13Page - COSEL CO., LTD. MGFS30 Datasheet HTML 14Page - COSEL CO., LTD. MGFS30 Datasheet HTML 15Page - COSEL CO., LTD. MGFS30 Datasheet HTML 16Page - COSEL CO., LTD. MGFS30 Datasheet HTML 17Page - COSEL CO., LTD. MGFS30 Datasheet HTML 18Page - COSEL CO., LTD. MGFS30 Datasheet HTML 19Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
MG-66
MGFS30
External view
GENERAL SPECIFICATIONS
ISOLATION
INPUT-OUTPUT
DC1,500V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
INPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
OUTPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
ENVIRONMENT
OPERATINGTEMP.,HUMID.AND ALTITUDE -40 to +85C, 20 to 95%RH (Non condensing) (Refer to “Derating”), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN62368-1
OTHERS
CASE SIZE/WEIGHT
25.4X9.9X50.8mm [1X0.39X2 inches] (WXHXD) / 40g max
COOLING METHOD
Convection/Forced air
*1
MGFW30xx05/MGFW30xx12/MGFW30xx15 is available as single output, +10V/+24V/+30V
*2
Rated input 12V, 24V or 48V DC lo=100%
*3
Ripple and Ripple Noise is measured by using test board with ceramic capacitor 22 F at 50mm from output pins. (20MHz Osilloscope)
*4
Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25C.
*5
Rated input voltage (DC24V, DC48V), rated output wattage, ambient temperature at 25C.
*
Parallel operation with other model is not possible.
(TOP VIEW)
Recommended Pad and Hole dia.
¶ Tolerance ±0.5 [±0.02]
¶ Dimensions in mm, [ ]=inches
¶ Pin terminal material : Copper
¶ Plating treatment of terminal : Lead free plating
¶ Case material : Brass
¶ Plating treatment of case : Nickel plating
¶ Bottom Cover : FR4 (t=0.6) [t=0.024]
¶ Please keep enough creepage distance with the
pattern on PCB and other components.
¶ Weight 40g max
1±0.1
f
6-f1.5
Name Plate
+Vout
TRM
-Vout
+Vin
-Vin
RC
45.72
50.8
Unit : 0.1inch
Dimension : mm
Case
Bottom Cover
[1.8]
[2.0]
January 31, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com