| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM74LS48 bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS48 bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 6 page ![]() Numerical DesignationsResultant Displays TLF10172 – 4 Truth Table Decimal Inputs Outputs Or Function LT RBI A3 A2 A1 A0 BIRBO abc d e f g 0 (Note 1) H H L L L L H H H H H H H L 1 (Note 1) H X L L L H H L H H LLLL 2 H X L L H L H H H LH HLH 3 H X L L H H H H H H HL LH 4 H X L H L L H LH HL LH H 5 H X L H L H H HLH HLH H 6 H X L H H L H L L HHHHH 7 H X L H H H H H H H LLLL 8 H X H L L L H HHHHHHH 9 H X H L L H H HHH L L HH 10 H X HLHL H L L L H H L H 11 H X H L H H H LL H H LL H 12 H X H H L L H LHL L L H H 13 H X H H L H H H L L HLH H 14 H X H H H L H L L L HHHH 15 H X H H H H H LLLLLLL BI (Note 2) X X X X X X L L L L LLLL RBI (Note 3) H L L L L L L L L L LLLL LT (Note 4) L X X X X X H H H H HHHH Note 1 BIRBO is wired-AND logic serving as blanking input (BI) andor ripple-blanking output (RBO) The blanking out (BI) must be open or held at a HIGH level when output functions 0 through 15 are desired and ripple-blanking input (RBI) must be open or at a HIGH level if blanking of a decimal 0 is not desired X e input may be HIGH or LOW Note 2 When a LOW level is applied to the blanking input (forced condition) all segment outputs go to a LOW level regardless of the state of any other input condition Note 3 When ripple-blanking input (RBI) and inputs A0 A1 A2 and A3 are at LOW level with the lamp test input at HIGH level all segment outputs go to a LOW level and the ripple-blanking output (RBO) goes to a LOW level (response condition) Note 4 When the blanking inputripple-blanking output (BIRBO) is open or held at a HIGH level and a LOW level is applied to lamp test input all segment outputs go to a HIGH level Logic Symbol TLF10172 – 2 VCC e Pin 16 GND e Pin 8 3 |