| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LED8102S bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LED8102S bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 20 page ![]() 1 Pin description Figure 1. Pinout for HTSSOP16 GND SW1 SW2 SW3 OUT0 OUT1 OUT2 OUT3 V R-EXT OE SW4 OUT7 OUT6 OUT5 OUT4 DD Table 1. Pin description HTSSOP16 Symbol Name and function 1 GND Ground terminal 2 SW1 Switch input 1 to enable OUT0 and OUT1 simultaneously 3 SW2 Switch input 2 to enable OUT2 and OUT3 simultaneously 4 SW3 Switch input 3 to enable OUT4 and OUT5 simultaneously 5-12 OUT0-OUT7 Output terminals 13 SW4 Switch input 4 to enable OUT6 and OUT7 simultaneously 14 OE Global PWM brightness control input terminal (it must be connected to GND if not used) 15 R-EXT Terminal for external resistor for constant current programming 16 VDD Supply voltage terminal LED8102S Pin description DS12963 - Rev 3 page 2/20 |