công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI49FCT3802L bảng dữ liệu(PDF) 2 Page - Pericom Semiconductor Corporation

tên linh kiện PI49FCT3802L
Giải thích chi tiết về linh kiện  1:5/1:7 Clock Buffer for Networking Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3802L bảng dữ liệu(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT3802L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3802L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3802L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3802L Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3802L Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3802L Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PS8559A
09/14/04
PI49FCT3802/PI49FCT3803
1:5/1:7 Clock Buffers
for Networking Applications
Storage Temperature...........................................................–65°C to +150°C
VDD Voltage ............................................................................–0.5V to 5.5V
Output Voltage......................................................................... –0.5V to 5.5V
Input Voltage ........................................................................... –0.5V to 5.5V
DC Output Current............................................................–60mA to +60mA
Power Dissipation .............................................................................500mW
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional op-
eration of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximumratingconditionsforextendedperiodsmay
affect reliability.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, +25°C ambient and maximum loading.
3. VOH = VDD– 0.6V at rated current.
4. This parameter is determined by device characterization but is not production tested.
5. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Operating Range
VDD Voltage ...............................................................................3.3V ± 0.3V
Commercial Temperature.........................................................0°C to +70°C
Industrial Temperature .........................................................–40°C to +85°C
Input Frequency ...................................................................DC to 156 MHz
Capacitive Loading .................................................................. 10pF to 50pF
DC Electrical Characteristics (Over the Operating Range)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level (Input Pins)
2.0
5.5
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level (Input Pins)
-0.5
0.8
IIH
Input HIGH Current
VDD = Max.
VIN = VDD
1
µA
IIL
Input LOW Current
VDD = Max.
VIN = GND
-1
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18mA
-0.7
-1.2
V
VOH
Output HIGH Voltage
VCC = Min., VIN = VIH or VIL
IOH = –0.1mA
VDD-0.2
IOH = –12mA
2.4(3)
3.0
VOL
Output LOW Voltage
VCC = Min., VIN = VIH or VIL
IOH = 0.1mA
0.2
IOH = 12mA
0.3
0.5
IOH
Output HIGH Current
VDD = 3.0V, VIN = VIH OR VIL, VOUT = 1.5V(4)
-45
-75
-180
mA
IOL
Output LOWCurrent
VDD = 3.0V, VIN = VIH OR VIL, VOUT = 1.5V(4)
50
92
200



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com