công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7530000007 bảng dữ liệu(PDF) 4 Page - KATHREIN Solutions GmbH

tên linh kiện 7530000007
Giải thích chi tiết về linh kiện  Information about KATHREIN Broadcast
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KATHREIN [KATHREIN Solutions GmbH]
Trang chủ  https://www.kathrein-solutions.com
Logo KATHREIN - KATHREIN Solutions GmbH

7530000007 bảng dữ liệu(HTML) 4 Page - KATHREIN Solutions GmbH

  7530000007 Datasheet HTML 1Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 2Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 3Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 4Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 5Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 6Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 7Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 8Page - KATHREIN Solutions GmbH 7530000007 Datasheet HTML 9Page - KATHREIN Solutions GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
4
Please note
As a result of more stringent legal regulations and judgements regarding product liability,
we are obliged to point out certain risks that may arise when products are used under
extraordinary operating conditions.
The mechanical design is based on the environmental conditions as stipulated in
ETS 300 019-1-4.
The antennas may be used at locations where the anticipated peak wind velocity or gust
wind speed lies within the maximum wind speed listed in the datasheet. We guarantee the
mechanical safety and electrical functionality under such conditions. The wind speeds are
defined in accordance with the DIN, EN or TIA standards. This guarantee makes allowance
for the partial safety factors specified in those standards.
Extraordinary operating conditions, such as heavy icing or exceptional dynamic stress
(e.g. strain caused by oscillating support structures), may result in the breakage of an
antenna or even cause it to fall to the ground. Cylindrical bodies can show crosswind res-
ponse, which can cause the supporting structure to oscillate and to be damaged. Prisma-
tic bodies, even with non-circular cross-section can show crosswind response, which can
cause the supporting structure to oscillate (see EN 1991-1-4 or EN 1993-3-1).
These facts must be considered during the site planning process.
The installation team must be properly qualified and also be familiar with the relevant na-
tional safety regulations.
The details given in our data sheets have to be followed carefully when installing the an-
tennas and accessories.
The limits for the coupling torque of RF-connectors, recommended by the connector
manufacturers must be obeyed.
Our quality assurance system and our environmental management system apply to the
entire company and are certified by TÜV according to EN ISO 9001 and EN ISO 14001.
We reserve the right to make alterations in accordance with the requirements of our cus-
tomers, therefore for binding data please check valid data sheets on our homepage: www.
kathrein.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More