công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT82M99EE bảng dữ liệu(PDF) 5 Page - Holtek Semiconductor Inc

tên linh kiện HT82M99EE
Giải thích chi tiết về linh kiện  USB Mouse Encoder 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M99EE bảng dữ liệu(HTML) 5 Page - Holtek Semiconductor Inc

  HT82M99EE Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M99EE Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
EEPROM A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Remark
Standard Mode*
VCC=5V
±10%
Unit
Min.
Max.
Min.
Max.
fSK
Clock Frequency
¾¾
100
¾
400
kHz
tHIGH
Clock High Time
¾
4000
¾
600
¾
ns
tLOW
Clock Low Time
¾
4700
¾
1200
¾
ns
tr
SDA and SCL Rise Time
Note
¾
1000
¾
300
ns
tf
SDA and SCL Fall Time
Note
¾
300
¾
300
ns
tHD:STA
START Condition Hold Time
After this period the first
clock pulse is generated
4000
¾
600
¾
ns
tSU:STA
START Condition Setup Time
Only relevant for repeated
START condition
4000
¾
600
¾
ns
tHD:DAT
Data Input Hold Time
¾
0
¾
0
¾
ns
tSU:DAT
Data Input Setup Time
¾
200
¾
100
¾
ns
tSU:STO
STOP Condition Setup Time
¾
4000
¾
600
¾
ns
tAA
Output Valid from Clock
¾¾
3500
¾
900
ns
tBUF
Bus Free Time
Time in which the bus must
be free before a new trans-
mission can start
4700
¾
1200
¾
ns
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
¾
100
¾
50
ns
tWR
Write Cycle Time
¾¾
5
¾
5ms
Note: These parameters are periodically sampled but not 100% tested
* The standard mode means VCC=2.2V to 5.5V
For relative timing, refer to timing diagrams
HT82M99EE/HT82M99AE
Rev. 1.00
5
February 8, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com