| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCA2002 bảng dữ liệu(PDF) 16 Page - Tripath Technology Inc. |
|
|
|||||||||||||||||||||||||||||
TCA2002 bảng dữ liệu(HTML) 16 Page - Tripath Technology Inc. |
|
16 / 18 page ![]() Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation 16 TCA2002 – KLi/0.95/04.06 R VPP2 VNN 19 17 R VNN1 R VPP1 V5 R VNN2 VPPSENSE VNNSENSE VPP V5 TCA2002 Figure 6: Over / Under voltage sense circuit The equation for calculating RVPP1 is as follows: VPPSENSE VPP1 I VPP R = Set VPP1 VPP2 R R = . The equation for calculating RVNNSENSE is as follows: VNNSENSE VNN1 I VNN R = Set VNN1 VNN2 R 3 R × = . IVPPSENSE or IVNNSENSE can be any of the currents shown in the Electrical Characteristics table for VPPSENSE and VNNSENSE, respectively. The two resistors, RVPP2 and RVNN2 compensate for the internal bias points. Thus, RVPP1 and RVNN1 can be used for the direct calculation of the actual VPP and VNN trip voltages without considering the effect of RVPP2 and RVNN2. Using the resistor values from above, the actual minimum over voltage turn off points will be: RN_OFF) (MIN_OV_TU VPPSENSE VPP1 N_OFF MIN_OV_TUR I R VPP × = ) I R ( VNN RN_OFF) (MIN_OV_TU VNNSENSE VNN1 N_OFF MIN_OV_TUR × − = The other three trip points can be calculated using the same formula but inserting the appropriate IVPPSENSE (or IVNNSENSE) current value. As stated earlier, the usable supply range is the difference between the minimum overvoltage turn off and maximum under voltage turn-off for both the VPP and VNN supplies. N_OFF MAX_UV_TUR N_OFF MIN_OV_TUR RANGE VPP - VPP VPP = N_OFF MAX_UV_TUR N_OFF MIN_OV_TUR RANGE VNN - VNN VNN = |