công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R48 bảng dữ liệu(PDF) 24 Page - Holtek Semiconductor Inc

tên linh kiện HT46R48
Giải thích chi tiết về linh kiện  Cost-Effective A/D Type 8-Bit OTP MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R48 bảng dữ liệu(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT46R48 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R48 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Instruction Definition
ADC A,[m]
Add data memory and carry to the accumulator
Description
The contents of the specified data memory, accumulator and the carry flag are added si-
multaneously, leaving the result in the accumulator.
Operation
ACC
¬ ACC+[m]+C
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
ADCM A,[m]
Add the accumulator and carry to data memory
Description
The contents of the specified data memory, accumulator and the carry flag are added si-
multaneously, leaving the result in the specified data memory.
Operation
[m]
¬ ACC+[m]+C
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
ADD A,[m]
Add data memory to the accumulator
Description
The contents of the specified data memory and the accumulator are added. The result is
stored in the accumulator.
Operation
ACC
¬ ACC+[m]
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
ADD A,x
Add immediate data to the accumulator
Description
The contents of the accumulator and the specified data are added, leaving the result in the
accumulator.
Operation
ACC
¬ ACC+x
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
ADDM A,[m]
Add the accumulator to the data memory
Description
The contents of the specified data memory and the accumulator are added. The result is
stored in the data memory.
Operation
[m]
¬ ACC+[m]
Affected flag(s)
TO
PDF
OV
Z
AC
C
¾
¾
ÖÖÖÖ
HT46R48
Rev. 1.10
24
March 24, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com