| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F88-I/ML bảng dữ liệu(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F88-I/ML bảng dữ liệu(HTML) 24 Page - Microchip Technology |
|
24 / 214 page ![]() PIC16F87/88 DS30487B-page 22 Preliminary 2003 Microchip Technology Inc. 2.2.2.6 PIE2 Register The PIE2 register contains the individual enable bit for the EEPROM write operation interrupt. REGISTER 2-6: PIE2: PERIPHERAL INTERRUPT ENABLE REGISTER 2 (ADDRESS 8Dh) R/W-0 R/W-0 U-0 R/W-0 U-0 U-0 U-0 U-0 OSFIE CMIE — EEIE — — — — bit 7 bit 0 bit 7 OSFIE: Oscillator Fail Interrupt Enable bit 1 = Enabled 0 = Disabled bit 6 CMIE: Comparator Interrupt Enable bit 1 = Enabled 0 = Disabled bit 5 Unimplemented: Read as ‘0’ bit 4 EEIE: EEPROM Write Operation Interrupt Enable bit 1 = Enabled 0 = Disabled bit 3-0 Unimplemented: Read as ‘0’ Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |