| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F87-I/ML bảng dữ liệu(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87-I/ML bảng dữ liệu(HTML) 56 Page - Microchip Technology |
|
56 / 214 page ![]() PIC16F87/88 DS30487B-page 54 Preliminary 2003 Microchip Technology Inc. FIGURE 5-4: BLOCK DIAGRAM OF RA4/AN4/T0CKI/C2OUT PIN FIGURE 5-5: BLOCK DIAGRAM OF RA5/MCLR/VPP PIN Data Bus Q D Q CK N WR PORTA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA VSS RA4 pin D Q EN TMR0 Clock Input Schmitt Trigger Input Buffer Comparator 2 Output Comparator Mode = 011, 101, 110 1 0 VDD Analog Input Mode To A/D Module Channel Input (PIC16F88 only) P VDD Q D Q CK D Q EN MCLR Filter RA5/MCLR/VPP pin RD Port MCLR Circuit MCLRE MCLRE Data Bus RD TRIS Schmitt Trigger Buffer VSS VSS Schmitt Trigger Input Buffer |