công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL322D bảng dữ liệu(PDF) 54 Page - Advanced Micro Devices

tên linh kiện AM29DL322D
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322D bảng dữ liệu(HTML) 54 Page - Advanced Micro Devices

Back Button AM29DL322D Datasheet HTML 46Page - Advanced Micro Devices AM29DL322D Datasheet HTML 47Page - Advanced Micro Devices AM29DL322D Datasheet HTML 48Page - Advanced Micro Devices AM29DL322D Datasheet HTML 49Page - Advanced Micro Devices AM29DL322D Datasheet HTML 50Page - Advanced Micro Devices AM29DL322D Datasheet HTML 51Page - Advanced Micro Devices AM29DL322D Datasheet HTML 52Page - Advanced Micro Devices AM29DL322D Datasheet HTML 53Page - Advanced Micro Devices AM29DL322D Datasheet HTML 54Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
June 10, 2003
Am29DL322D/323D/324D
53
AC Characteristics
Read-only Operations: Changed t
DF specification to 16
ns.
Word/Byte Configuration: Changed t
FLQZ specification
to 16 ns.
Revision D+5 (May 8, 2001)
Global
Removed Preliminary status from data sheet.
SecSi
 (Secured Silicon) Sector Flash
Memory Region
Noted changes for upcoming versions of these de-
vices: reduced SecSi Sector size, different ESN loca-
tion for top boot devices, and deletion of SecSi Sector
erase functionality. Current versions of these devices
remain unaffected.
Revision D+6 (June 10, 2003)
Unlock Bypass Command Sequence; Command
Definitions table
Text and table now state that addresses are don’t care
for the unlock bypass command sequence (that is, a
bank address is not required as previously stated).
Trademarks
Copyright © 2001–2003 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54