công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-206-8 bảng dữ liệu(PDF) 39 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-206-8
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-206-8 bảng dữ liệu(HTML) 39 Page - Siemens Semiconductor Group

Back Button 5SY4-206-8 Datasheet HTML 35Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 36Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 37Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 38Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 39Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 40Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 41Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 42Page - Siemens Semiconductor Group 5SY4-206-8 Datasheet HTML 43Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Additional components for 5SX2, 5SX4, 5SX5
miniature circuit-breakers
2/39
Siemens I 2.1 · 2001
N-Type Standard and AC/DC Product Range
Miniature Circuit-Breakers (MCBs)
Miniature Circuit-Breakers (MCBs)
s Additional components
• Can be retrofitted
• Can be connected to
instabus EIB and AS-Interface
bus via binary inputs.
Auxiliary swich (AS) and fault
signal contact (FC)
• Mounting with factory-in-
stalled clips
• Max. contact load:
6 A, 230 V AC , AC-15
1 A, 220 V DC , DC-13
acc. to DIN VDE 0660 Part
200, EN 60 947-5-1
• Short-circuit protection due to
the 5SX miniature circuit-
breaker depending on the ver-
sion ...-6. -7 with
In = 6 A of fuse gL 6 A.
Application
Remote display of the switching
status of the miniature circuit-
breaker
-AS: ON/OFF
- FC: tripped.
Shunt trip (ST)
• Mounting with attached
screws
• Suitable for voltages from 110
to 415 V AC
• Short-circuit protection due to
the 5SX...-7 MCBs with
In ≥ 16 A
Application
• Remote controlled release of
the MCB.
I2_07418c
instabus EIB
output
input
AS
or
AS
FC
or
AS
or
AS
FC
ST
MCB
A
MW
Order No.
Price
Weight
1 item
Pack.
unit
1 item
kg
Items
Auxiliary switches and fault signal contacts
Auxiliary switches (AS)
1 NO + 1 NC
0.5
5SX9 100
0.040
1
2 NO
5SX9 101
2 NC
5SX9 102
Fault signal contacts (FC)
1 NO + 1 NC
0.5
5SX9 200
0.040
1
2 NO
5SX9 201
2 NC
5SX9 202
Shunt trips (ST)
100% ED
1
5SX9 300
0.141
1
For dimension drawings and terminal connections see pages 2/63 to 2/64.
24 12
23 11
44 34
43 33
42 32
41 31
24 12
23 11
44 34
43 33
42 32
41 31
C1
C2
i21_03.fm Seite 39 Mittwoch, 20. Juni 2001 10:12 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com