công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5SY4-415-5 bảng dữ liệu(PDF) 60 Page - Siemens Semiconductor Group

tên linh kiện 5SY4-415-5
Giải thích chi tiết về linh kiện  Miniature Circuit-Breakers (MCBs)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

5SY4-415-5 bảng dữ liệu(HTML) 60 Page - Siemens Semiconductor Group

Back Button 5SY4-415-5 Datasheet HTML 56Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 57Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 58Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 59Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 60Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 61Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 62Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 63Page - Siemens Semiconductor Group 5SY4-415-5 Datasheet HTML 64Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Additional components for 5SY4/5SY7/5SP4
miniature circuit-breakers
2/60
Siemens I 2.1 · 2001
Industry Guard/High-Current Product Range
Miniature Circuit-Breakers (MCBs)
s Features
s Application
• Can be retrofitted
• Mounting with factory-in-
stalled clips
• Short-circuit protection due to
miniature circuit-breakers with
characteristic B or C and
In = 6 A or fuse gL 6 A
Remote display of the switching
status of the miniature circuit-
breaker
-AS: ON/OFF
- FC: tripped.
s Auxiliary switches (AS) and fault signal contacts (FC)
• Max. contact load:
NO contact:
2 A, 400 V AC, AC-14
6 A, 230 V AC, AC-14
1 A, 220 V DC, DC-13
1 A, 110 V DC, DC-13
3 A,
60 V DC, DC-13
6 A,
24 V DC, DC-13
NC contact:
2 A, 400 V AC, AC-13
6 A, 230 V AC, AC-13
1 A, 220 V DC, DC-13
1 A, 110 V DC, DC-13
3 A,
60 V DC, DC-13
6 A, 24 V DC, DC-13
• Can be connected to
instabus EIB and AS-Interface
bus.
I2_07795b
output
input
instabus EIB
5SM2
5SM2
5SY4, 5SY7
5SP4
AS
MCB
RCCB
module
or
AS
FC
FC
AS
FC
or
AS
FC
FC
AS
AS
ST
AS
FC
AS
UR
or
FC
FC
AS
AS
AS
FC
AS
FC
FC
AS
AS
AS
FC
FC
FC
FC
or
or
or
or
or
or
A
s Selection and ordering data
MW
Order No.
Price
Weight
1 item
Pack.
unit
1 item
kg
Items
Auxiliary switches (AS) and fault signal contacts (FC)
Auxiliary switches (AS)
1 NO + 1 NC
0.5
5ST3 010
0.050
1
2 NO
5ST3 011
2 NC
5ST3 012
Fault signal contacts (FC)
1 NO + 1 NC
0.5
5ST3 020
0.050
1
2 NO
5ST3 021
2 NC
5ST3 022
For dimension drawings and terminal connections see page 2/64.
21
13
14
22
23
13
14
24
21
11
12
22
21
13
14
22
23
13
14
24
21
11
12
22
i21_05.fm Seite 60 Mittwoch, 20. Juni 2001 10:15 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com