| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW50RAM-3P010 bảng dữ liệu(PDF) 22 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P010 bảng dữ liệu(HTML) 22 Page - Fuji Electric |
|
22 / 93 page ![]() Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06/22 Molded Case Circuit Breakers G-TWIN series Mounting modifications n Mounting modifications • Standard series Standard type FUJI breakers are front mounting with front connections. The standard breaker can easily be modified to become front mounting rear connection type, flush mounting type and plug-in type. The additional parts such as insulation bases, barriers, covers and similar parts are added as required. Front mounting Front connection Additional main parts Bar stud terminal Additional main parts Bar stud terminal Front mounting Rear connection (X type) Flush mounting Rear connection (E type) Additional main parts Plug-in mounting (P type) Additional main parts Flush mounting Top and bottom connection (Y type) BW32 BW50 BW63 BW100 BW32 BW50 BW63 BW100 Round stud terminal BW32 BW50 BW63 BW100 BW50HAG BW125 Each stud can be turned by 90° Each stud can be turned by 90° Each stud can be turned by 90° Bar stud terminal Bar stud terminal BW50HAG BW125 BW160 BW250 BW400 BW630 BW800 BW50HAG BW125 BW160 BW250 BW400 BW630 BW800 Bar stud terminal Bar stud terminal BW32 BW50 BW63 BW100 BW160 BW250 BW400 BW630 BW800 Decorative flush plate BASIC DESIGN |