| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC2430-RTR1-F32Z bảng dữ liệu(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2430-RTR1-F32Z bảng dữ liệu(HTML) 33 Page - Texas Instruments |
|
33 / 234 page ![]() CC2430 CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A Page 33 of 232 12.3.1 Memory Map This section gives an overview of the memory map. The memory map differs from the standard 8051 memory map in two important aspects, as described below. First, in order to allow the DMA controller access to all physical memory and thus allow DMA transfers between the different 8051 memory spaces, parts of SFR and CODE memory space is mapped into the XDATA memory space. Secondly, the CODE memory space mapping can be selected so that all physical memory is mapped to CODE space, by using a unified mapping of the CODE memory space. Details about mapping of all 8051 memory spaces are given in the next section. The memory map showing how the different physical memories are mapped into the CPU memory spaces is given in the figures on the following pages for each flash memory size option. Note that for CODE memory space, the two possible memory maps are shown; unified and non-unified mapping. |