| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
103-059-251-200 bảng dữ liệu(PDF) 1 Page - EDAC, All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
103-059-251-200 bảng dữ liệu(HTML) 1 Page - EDAC, All Rights Reserved. |
|
|
1 / 1 page ![]() .200 CONTACT SPACING TOTAL NUMBER OF CONTACTS = 59 CONTACT 100-290-251 NOTE: CONTACTS ARE HELD IN A CARRIER FOR EASE OF ASSEMBLY TOLERANCE UNLESS OTHERWISE SPECIFIED .XX ±0.13 .XXX DRAWN: CHECKED: ACAD REFERENCE NO.: PART NUMBER: SCALE: YOUR CONNECTION TO QUALITY & SERVICE WITHOUT WRITTEN PERMISSION. THESE DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF EDAC INC.,AND SHALL NOT BE REPRODUCED,OR COPIED OR USED AS THE BASIS FOR THE MANUFACTURE OR SALE OF APPARATUS TORONTO, ONTARIO EDAC INC CANADA DO NOT MAKE MANUAL REVISIONS TO MASTER. THIS IS A C.A.D. GENERATED DRAWING April 8, 2020 SHEET OF 103 Assembly 103-059-251-200 2:1 C.B DATE: DATE: 1 ISSUE ISSUE NUMBER ORIGINAL 1 THIS SERIES FULLY CONFORMS TO THE EUROPEAN UNION DIRECTIVES 2011/65/EU FOR RoHS COMPLIANCY. COMPLIANT 103 SERIES - HORIZONTAL CONTACT PATTERN .X ±0.25 1 1 DRAWING NUMBER: 103 Assembly ±0.05 |
Số phần tương tự - 103-059-251-200 |
|
Mô tả tương tự - 103-059-251-200 |